PART |
Description |
Maker |
ICL7106C_D ICL7106CJL ICL7106CPL ICL7106CQH ICL710 |
3 1/2 Digital ADC(3 1/2浣??锛??????ユ恫?舵?绀洪┍?ㄥ???DC) 3ㄖ DIGIT A/D CONVERTER 3 Digit A/D Converter Analog to Digital Converter - Datasheet Reference 3? Digit A/D Converter 3? Digit A/D Converter PTSE 18C 18#20 SKT PLUG Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT08; Number of Contacts:4; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Right Angle Plug 3Digit A/D Converter 1-CH 3-BIT DUAL-SLOPE ADC, PARALLEL ACCESS, CDIP40 3??Digit A/D Converter
|
MAXIM - Dallas Semiconductor Dallas Semiconductor Corp Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
NPH25S2415EI NPH25S4815EI NPH25S2412EI NPH25S4812E |
DC/DC CONVERTER 15V 1.7A DC/DC CONVERTER 12V 2.1A 直流/直流转换12V.1A DC/DC CONVERTER 3V 7.3A
|
Electronic Theatre Controls, Inc.
|
REC10-2415DRWL REC10-6812DRWL REC10-6812DRWLZ REC1 |
10W DC/DC converter with 9V input, 15/670mA output 10W DC/DC converter with 9V input, 5/2000mA output 10W DC/DC converter with 69V input, -12/ -416mA output 10W DC/DC converter with 69V input, 5/2000mA output 10W DC/DC converter with 69V input, 15/670mA output 10W DC/DC converter with 69V input, -5/ -1000mA output ECONOLINE - DC/DC - CONVERTER 10W DC/DC converter with 68V input, -12/ -416mA output 10W DC/DC converter with 69V input, -15/ -333mA output 10W DC/DC converter with 69V input, 24/416mA output 10W DC/DC converter with 10V input, 5/2000mA output 10W DC/DC converter with 9V input, 12/830mA output
|
Recom International Power
|
ADDAC80 ADDAC87CBI-I ADDAC87CBI-V ADDAC85MILCBII8 |
Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85C Complete Low Cost Hybrid 12-Bit D/A Converter 0to 70C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85°C Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125°C From old datasheet system IC,D/A CONVERTER,SINGLE Complete low cost, linearity error /- 1/2 LBS, binary input
|
Analog Devices adi
|
5962-8980501IX 5962-89805012X |
RMS-to-DC Converter 4A, Low-Noise, High-Frequency, Step-Up DC-DC Converter 有效 DC转换
|
Littelfuse, Inc.
|
BH2220FVM |
Video LSIs > For DVC > Tuning D/A converter 8bit 3ch D/A converter
|
Rohm
|
HA16114P HA16114 HA16114FP HA16114FPJ HA16114PJ HA |
Standard IC>General-Purpose Linear>ICs for DC/DC Converter Switching Regulator for Chopper Type DC/DC Converter
|
Renesas Electronics Corporation
|
AFL2808SX/CH AFL2812SX/ES AFL2828SW/ES AFL2812S AF |
Hi-Rel DC-DC Standard Single Converter in a AFL package DC to DC Converter
|
International Rectifier
|
TVL05-1220 TVL05-1225 TVL05-1516 TVL05-1520 TYL05- |
DC/DC Converter Multiconductor Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes SERVSWITCH USER CABLE FOR PS2 STYLE 50 FT Input voltage range:4.75-6V, output voltage /-12V ( /-200mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-12V ( /-250/125mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-165mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-200/100mA) DC/DC converter
|
TRACOPOWER[TRACO Electronic AG] TRACO ELECTRONIC AG.
|
3570 LT3570 LT3570EFE-PBF LT3570EFE-TRPBF LT3570EU |
1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
|
Linear Technology
|
LWD-1205E LWD-1205T LWD-1209E LWD-2405E LWS-1205T |
DC-DC Converter UNIT 5 W WIDE INPUT RANGE DC-DC CONVERTER
|
http:// Power Systems GmbH Co.KG
|